PART |
Description |
Maker |
M1.5KE8.2A M1.5KE82A M1.5KE250A M1.5KE24A M1.5KE20 |
Unidirectional and Bidirectional Transient Voltage Suppressor 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Microsemi Corporation MICROSEMI CORP-IRELAND
|
1.5KE22C 1.5KE75C 1.5KE16CA 1.5KE62CA 1.5KE6.8C 1. |
Ppk=1500W, Vc=574V transient voltage suppressor 1500 Watt Transient Voltage Suppressors 6.8 to 400 Volts 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE 1500 Watt Transient Voltage Suppressors 6.8 to 400 Volts 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE Dual-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 8-SM8 -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE 18-Bit Universal Bus Driver With 3-State Outputs 56-TVSOP -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE Ppk=1500W, Vc=258V transient voltage suppressor
|
Micro Commercial Components, Corp. Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
LC75 LC40 LC160 LC30 LC33 LC54 LC6.508 LC16 LC150 |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA Low Capacitance TVS; Package: DO-13; Ppp (W): 1500; Vwm (V): 20; VC (V): 35.8; ID ( uA): 5; Tol (%): 10; 1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
|
MICROSEMI CORP-SCOTTSDALE Microsemi Corporation
|
SMC33CA SMC33C SMC9.1CA SMC10 SMC10C SMC10CA SMC11 |
Heat Sink; Package/Case:TO-220; Thermal Resistance:32 C/W; Mounting Type:Through Hole; Length:19.05mm; Height:6.35mm; Width:13.21mm; Diameter:3.81mm HEATSINK TO-220 2.5W BLK W/PINS 表面贴装单向和双向瞬态电压抑制器 SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS 表面贴装单向和双向瞬态电压抑制器 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Lite-On Technology Corp... LITEON[Lite-On Technology Corporation] 光宝科技股份有限公司 Lite-On Technology, Corp. LITE-ON SEMICONDUCTOR CORP ???绉???′唤??????
|
1C6303A |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
SENSITRON SEMICONDUCTOR
|
CRYDOMCORP-1.5KE33T 1.5KE170B |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
CRYDOM CORP
|
SMCJ26 |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
LITE-ON SEMICONDUCTOR CORP
|
1.5SMC68A |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
MOTOROLA INC
|
ST1.5KA91CR |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
SOLID STATE DEVICES INC
|
LC24 |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
PROTEK DEVICES
|
MLCE6.5AE3 MALCE6.5AE3 |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
MICROSEMI CORP
|
SMCG7.5-E3/57T |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB
|
VISHAY SEMICONDUCTORS
|
|